Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download P3LU-0515ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pm1-series ? p3lu-xxxxe/z(hxx)lf ? single and dual output ? sip7 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/4 p3lu-xxxxe/z(hxx)lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 10% input filter capacitor input reflected ripple current1 20 ma pk-pk output specifications voltage accuracy 3% short circuit protection short term line regulation 1.2% / 1% vin change load regulation (20% - 100%) 10% (3.3vout models: 20%) ripple and noise (20mhz bandwidth) 75 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 3000 vdc (up to 6000 vdc optional)* i/o isolation capacity 60 pf, typ. i/o isolation resistance 1000 mohm switching frequency 80 khz (variable) humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 1.121 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material epoxy (ul94v-0 rated) weight ~ 2.3g, typ. environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection (10 mm distance required) rohs conform soldering 260c, max. (1.5 mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm1 series p3lu - xxxxe/z(hxx)lf is a family of cost effective 0.5 w single & dual output dc-dc converters. these conver ters are in an ultra miniature sip7 case. devices are encapsulated. high performance features: 3000vdc up to 6000vdc input/output isolat ion, high efficiency operation, output voltage accuracy of 3% maximum, input range of 10% tolerance and low output ripple and noise. pm1-series  0.5 watt  unregulated  single and dual output  sip7 case  3 kv - 6 kv dc i/o isolation*  low ripple and noise rev.02-2009
pm1-series ? p3lu-xxxxe/z(hxx)lf ? single and dual output ? sip7 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/4 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p3lu-053r3elf 5 30 142 3.3 151.5 70 220 p3lu-0505elf 5 30 135 5 100 74 220 p3lu-057r2elf 5 30 135 7.2 69.4 74 220 p3lu-0509elf 5 30 133 9 55.5 75 220 p3lu-0512elf 5 30 131 12 41.6 76 220 P3LU-0515ELF 5 30 131 15 33.3 76 220 p3lu-0518elf 5 30 131 18 27.8 76 220 p3lu-0524elf 5 30 128 24 20.8 78 220 p3lu-123r3elf 12 20 59 3.3 151.5 70 220 p3lu-1205elf 12 20 57 5 100 73 220 p3lu-127r2elf 12 20 56 7.2 69.4 74 220 p3lu-1209elf 12 20 55 9 55.5 75 220 p3lu-1212elf 12 20 54 12 41.6 76 220 p3lu-1215elf 12 20 54 15 33.3 76 220 p3lu-1218elf 12 20 54 18 27.8 76 220 p3lu-1224elf 12 20 53 24 20.8 78 220 p3lu-243r3elf 24 10 29 3.3 151.5 70 220 p3lu-2405elf 24 10 28 5 100 73 220 p3lu-247r2elf 24 10 28 7.2 69.4 74 220 p3lu-2409elf 24 10 28 9 55.5 75 220 p3lu-2412elf 24 10 27 12 41.6 76 220 p3lu-2415elf 24 10 26 15 33.3 78 220 p3lu-2418elf 24 10 26 18 27.8 78 220 p3lu-2424elf 24 10 26 24 20.8 78 220 p3lu-483r3elf 48 6 14 3.3 151.5 70 220 p3lu-4805elf 48 6 14 5 100 72 220 p3lu-487r2elf 48 6 14 7.2 69.4 72 220 p3lu-4809elf 48 6 14 9 55.5 74 220 p3lu-4812elf 48 6 14 12 41.6 74 220 p3lu-4815elf 48 6 13 15 33.3 75 220 p3lu-4818elf 48 6 13 18 27.8 75 220 p3lu-4824elf 48 6 13 24 20.8 77 220 if you need other specifications, please enquire. *options: h40 = 4000 vdc isolation h52 = 5200 vdc isolation h60 = 6000 vdc isolation for other i/o isolation please see table on the left hand side and add ? hxx ? before lf (p3lu-2412e h60 lf for 6kv)
pm1-series ? p3lu-xxxxe/z(hxx)lf ? single and dual output ? sip7 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/4 selection guide dual output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 dual output p3lu-053r3zlf 5 30 166 3.3 75.7 60 100 p3lu-0505zlf 5 30 135 5 50 74 100 p3lu-057r2zlf 5 30 129 7.2 34.7 77 100 p3lu-0509zlf 5 30 128 9 27.7 78 100 p3lu-0512zlf 5 30 128 12 20.8 78 100 p3lu-0515zlf 5 30 128 15 16.7 78 100 p3lu-0518zlf 5 30 126 18 13.9 79 100 p3lu-0524zlf 5 30 126 24 10.4 79 100 p3lu-123r3zlf 12 20 69 3.3 75.7 60 100 p3lu-1205zlf 12 20 56 5 50 74 100 p3lu-127r2zlf 12 20 54 7.2 34.7 77 100 p3lu-1209zlf 12 20 53 9 27.7 78 100 p3lu-1212zlf 12 20 53 12 20.8 78 100 p3lu-1215zlf 12 20 53 15 16.7 78 100 p3lu-1218zlf 12 20 52 18 13.9 80 100 p3lu-1224zlf 12 20 52 24 10.4 80 100 p3lu-243r3zlf 24 10 35 3.3 75.7 60 100 p3lu-2405zlf 24 10 28 5 50 74 100 p3lu-247r2zlf 24 10 27 7.2 34.7 76 100 p3lu-2409zlf 24 10 27 9 27.7 76 100 p3lu-2412zlf 24 10 26 12 20.8 78 100 p3lu-2415zlf 24 10 26 15 16.7 78 100 p3lu-2418zlf 24 10 26 18 13.9 78 100 p3lu-2424zlf 24 10 26 24 10.4 80 100 p3lu-483r3zlf 48 6 17 3.3 75.7 60 100 p3lu-4805zlf 48 6 14 5 50 74 100 p3lu-487r2zlf 48 6 13 7.2 34.7 76 100 p3lu-4809zlf 48 6 13 9 27.7 76 100 p3lu-4812zlf 48 6 13 12 20.8 76 100 p3lu-4815zlf 48 6 13 15 16.7 77 100 p3lu-4818zlf 48 6 13 18 13.9 77 100 p3lu-4824zlf 48 6 13 24 10.4 79 100 if you need other specifications, please enquire. *options: h40 = 4000 vdc isolation h52 = 5200 vdc isolation h60 = 6000 vdc isolation for other i/o isolation please see table on the left hand side and add ? hxx ? before lf (p3lu-2412z h40 lf for 4kv)
pm1-series ? p3lu-xxxxe/z(hxx)lf ? single and dual output ? sip7 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 4/4 package / pinning / derating modelcode datecode 1 2 4 5 6 7 6.00* (0.24) 19.50 (0.76) 15.24 (0.60) 2.54 (0.10) 0.50 (0.02) 0.50 (0.02) 2.1 (0.9) all dimensions are typical in millimeters (inches). - pin diameter: 0.5 +/-0.05 (0.02 +/-0.002) - pin pitch tolerance: +/-0.35 (+/-0.014) - case tolerance +/-0.5 (+/-0.02) specification may change without notice. * the thickness of 48vin voltage is 7.20(0.28) pe a k sip7Cplasticcase # single 3kv dual 3kv 1 +vin +vin 2 - vin - vin 4 omitted omitted 5 - vout - vout 6 omitted common 7 +vout +vout pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by minimal vin and constant resistive load. - operation under no-load conditions will not damag e these devices, but they will not observe the list ed specifications.


▲Up To Search▲   

 
Price & Availability of P3LU-0515ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X